Part Number Hot Search : 
PLVA2650 MN101 MSIW2032 PDI1394L SAA7346 B40J10 HPR1015 AM29LV
Product Description
Full Text Search
 

To Download IPD50N12S3L-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  IPD50N12S3L-15 optimos ? -t power-transistor features ? optimos? - power mosfet for automotive applications ? n-channel - enhancement mode ? automotive aec q101 qualified ? msl1 up to 260c peak reflow ? 175c operating temperature ? green product (rohs compliant) ? 100% avalanche tested maximum ratings, at t j =25 c, unless otherwise specified parameter symbol conditions unit continuous drain current i d t c =25c, v gs =10v 50 a t c =100c, v gs =10v 1) 38 pulsed drain current 1) i d,pulse t c =25c 200 avalanche energy, single pulse 1) e as i d =25a 330 mj avalanche current, single pulse i as - 50 a gate source voltage v gs - 20 v power dissipation p tot t c =25?c 100 w operating and storage temperature t j , t stg - -55 ... +175 c value v ds 120 v r ds(on),max 15 m w i d 50 a product summary type package marking ipd50n12s3l - 15 pg - to252 - 3 - 11 qn12l15 pg - to252 - 3 - 11 rev. 1.0 page 1 2016-06-20
IPD50N12S3L-15 parameter symbol conditions unit min. typ. max. thermal characteristics 1) thermal resistance, junction - case r thjc - - - 1.5 k/w smd version, device on pcb r thja minimal footprint - - 62 6 cm 2 cooling area 2) - - 40 electrical characteristics, at t j =25 c, unless otherwise specified static characteristics drain-source breakdown voltage v (br)dss v gs =0v, i d = 1ma 120 - - v gate threshold voltage v gs(th) v ds = v gs , i d =60a 1.2 1.7 2.4 zero gate voltage drain current i dss v ds =120v, v gs =0v, t j =25c - 0.01 0.1 a v ds =120v, v gs =0v, t j =125c 1) - 1 10 gate-source leakage current i gss v gs =20v, v ds =0v - - 100 na drain-source on-state resistance r ds(on) v gs =4.5v, i d =50a - 15 20 m w v gs =10?v, i d =50?a - 13 15 values rev. 1.0 page 2 2016-06-20
IPD50N12S3L-15 parameter symbol conditions unit min. typ. max. dynamic characteristics 1) input capacitance c iss - 3215 4180 pf output capacitance c oss - 730 950 reverse transfer capacitance c rss - 63 95 turn-on delay time t d(on) - 10 - ns rise time t r - 5 - turn-off delay time t d(off) - 29 - fall time t f - 5 - gate charge characteristics 1) gate to source charge q gs - 11 14 nc gate to drain charge q gd - 8 12 gate charge total q g - 44 57 gate plateau voltage v plateau - 3.7 - v reverse diode diode continous forward current 1) i s - - 50 a diode pulse current 1) i s,pulse - - 200 diode forward voltage v sd v gs =0v, i f =50a, t j =25c 0.6 1 1.2 v reverse recovery time 1) t rr v r =60v, i f = i s , d i f /d t =100a/s - 97 - ns reverse recovery charge 1) q rr - 178 - nc 1) defined by design. not subject to production test. 2) device on 40 mm x 40 mm x 1.5 mm epoxy pcb fr4 with 6 cm2 (one layer, 70 m thick) copper area for drain connection. pcb is vertical in still air. t c =25c values v gs =0v, v ds =25v, f =1mhz v dd =20v, v gs =10v, i d =50a, r g =3.5 w v dd =96v, i d =50a, v gs =0?to?10v rev. 1.0 page 3 2016-06-20
IPD50N12S3L-15 1 power dissipation 2 drain current p tot = f( t c ); v gs = 10 v i d = f( t c ); v gs = 10 v 3 safe operating area 4 max. transient thermal impedance i d = f( v ds ); t c = 25 c; d = 0 z thjc = f( t p ) parameter: t p parameter: d = t p / t 1 s 10 s 100 s 1 ms 1 10 100 1000 0.1 1 10 100 1000 i d [a] v ds [v] single pulse 0.01 0.05 0.1 0.5 10 - 6 10 - 5 10 - 4 10 - 3 10 - 2 10 - 1 10 0 10 - 3 10 - 2 10 - 1 10 0 10 1 z thjc [k/w] t p [s] 0 20 40 60 80 100 120 0 50 100 150 200 p tot [w] t c [ c] 0 10 20 30 40 50 60 0 50 100 150 200 i d [a] t c [ c] rev. 1.0 page 4 2016-06-20
IPD50N12S3L-15 5 typ. output characteristics 6 typ. drain-source on-state resistance i d = f( v ds ); t j = 25 c r ds(on) = f( i d ); t j = 25 c parameter: v gs parameter: v gs 7 typ. transfer characteristics 8 typ. drain-source on-state resistance i d = f( v gs ); v ds = 6v r ds(on) = f( t j ); i d = 50 a; v gs = 10 v parameter: t j 5 10 15 20 25 30 -60 -20 20 60 100 140 180 r ds(on) [m w ] t j [ c] 3 v 3.5 v 4 v 4.5 v 5 v 10 v 0 40 80 120 160 200 0 2 4 6 i d [a] v ds [v] 3 v 3.5 v 4 v 4.5 v 5 v 10 v 10 20 30 40 50 0 40 80 120 160 r ds(on) [m ? ] i d [a] - 55 c 25 c 175 c 0 40 80 120 160 1 2 3 4 5 i d [a] v gs [v] rev. 1.0 page 5 2016-06-20
IPD50N12S3L-15 9 typ. gate threshold voltage 10 typ. capacitances v gs(th) = f( t j ); v gs = v ds c = f( v ds ); v gs = 0 v; f = 1 mhz parameter: i d 11 typical forward diode characteristics 12 typ. avalanche characteristics if = f(v sd ) i a s = f( t av ) parameter: t j parameter: t j(start) 25 c 175 c 10 0 10 1 10 2 10 3 0 0.2 0.4 0.6 0.8 1 1.2 1.4 i f [a] v sd [v] 60 a 300 a 0 0.5 1 1.5 2 2.5 -60 -20 20 60 100 140 180 v gs(th) [v] t j [ c] ciss coss crss 10 2 10 3 10 4 0 5 10 15 20 25 30 c [pf] v ds [v] 10 1 25 c 100 c 150 c 0.1 1 10 100 0.1 1 10 100 1000 i av [a] t av [s] 25 c 175 c 10 0 10 1 10 2 10 3 0 0.2 0.4 0.6 0.8 1 1.2 1.4 i f [a] v sd [v] rev. 1.0 page 6 2016-06-20
IPD50N12S3L-15 13 typical avalanche energy 14 typ. drain-source breakdown voltage e as = f( t j ) v br(dss) = f( t j ); i d = 1 ma parameter: i d 15 typ. gate charge 16 gate charge waveforms v gs = f( q gate ); i d = 50 a pulsed parameter: v dd 110 115 120 125 130 135 -55 -15 25 65 105 145 v br(dss) [v] t j [ c] 24 v 96 v 0 1 2 3 4 5 6 7 8 9 10 0 10 20 30 40 50 v gs [v] q gate [nc] 50 a 25 a 12.5 a 0 100 200 300 400 500 600 25 75 125 175 e as [mj] t j [ c] rev. 1.0 page 7 2016-06-20 v gs q gate v gs(th) q g(th) q gs q gd q sw q g
IPD50N12S3L-15 published by infineon technologies ag 81726 munich, germany ? infineon technologies ag 2016 all rights reserved. legal disclaimer the information given in this document shall in no event be regarded as a guarantee of conditions or characteristics. with respect to any examples or hints given herein, any typical values stated herein and/or any information regarding the application of the device, infineon technologies hereby disclaims any and all warranties and liabilities of any kind, including without limitation warranties of non ? infringement of intellectual property rights of any third party. information for further information on technology, delivery terms and conditions and prices please contact your nearest infineon technologies office ( www.infineon.com ). warnings due to technical requirements components may contain dangerous substances. for information on the types in question please contact your nearest infineon technologies office. infineon technologies components may only be used in life-support devices or systems with the express written approval of infineon technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system. life support devices or systems are intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. if they fail, it is reasonable to assume that the health of the user or other persons may be endangered. rev. 1.0 page 8 2016-06-20
IPD50N12S3L-15 revision history version revision 1.0 changes final data sheet date 20.06.2016 rev. 1.0 page 9 2016-06-20


▲Up To Search▲   

 
Price & Availability of IPD50N12S3L-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X